Part Number Hot Search : 
ZMM56 HAT2068R GS1002FL USBB1 00152 PG5402 60438D TA7282AP
Product Description
Full Text Search
 

To Download EPC3168G-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Flyback Power Transformer
ELECTRONICS INC.
EPC3168G-X & EPC3168G-X-LF
* Used in SMPS Flyback Topology * Add "-LF" after part number for Lead Free * Designed for use with National Semiconductor Chips LM2585 to LM2588 * UL94V-0 Recognized Components * UL1446 Class B Insulation System * Very Low Core Loss
Electrical Parameters @ 25 C
PCA Part Number
Chipset
Xfmr Code V in Pin 2-3
Voltage (Vdc) V out 1 V out 2 V out 3
Primary OCL (H 10%) @ 10 KHz, 0.1 Vrms
Current (Amp. Max.) Sec. 1 Sec. 2 Sec. 3
Turns Ratio
Schematic
EPC3168G-1(-LF) EPC3168G-2(-LF) EPC3168G-5(-LF) EPC3168G-6(-LF) EPC3168G-7(-LF)
LM2587/88 T1 N 1.8 N 1:1 4-6 3.3 N 22 N LM2587/88 T1 N 1.4 N 1:1 4-6 5.0 N 22 N LM2587/88 T1 N 1.2 N 1:1 8-16 12.0 N 22 N LM2587/88 T2 -12 0.3 N 1:2.5:2.5 4-6 12.0 N 22 0.3 LM2585/86 T5 12 1.8 0.25 1:.5:1.15:1.15 18-36 5.0 -12 66 0.25 LM2585/86 T6 -12 0.15 N 1:1.2:1.2 4-6 12.0 N 65 0.15 LM2585/86 T6 -12 0.6 N 1:1.2:1.2 18-36 12.0 N 65 0.6 LM2585/86 T7 N 1.4 N 1:1 4-6 3.3 N 47 N LM2585/86 T7 N 1.0 N 1:1 4-6 5.0 N 47 N LM2585/86 T7 N 0.8 N 1:1 8-16 12.0 N 47 N * LM2585/86/87 Switching Frequency : 100 KHz * LM2588 Switching Frequency : 200 KHz * * Storage Temperature : -40C to +125C * Operating Temperature : 0C to +70C * * Note : "N" means Not Required/No Connections * Isolation : 750 Vrms *
A A A B C B B A A A
Package
Top View
1 12
Schematic A
.870 (22.10) .100 x .059 (2.54 x 1.50) Vin 2 11 3 10 Vout 1
.750 Max. (19.05)
6 7
Schematic B
.150 (3.81) .670 (17.02) .100 (2.54) Vin 10 Vout 1 3 2 11 9 Vout 2 8
1.00 Max. (25.40) .600 Max. (15.24)
Schematic C
10 Vout 1
Notes : 1. Lead Finish 2. Peak Temperature Rating 3. Moisture Sensitive Levels 4. Weight 5. Packaging Information (Tube) EPC3168G-X SnPb 225C
(Unlimited, 30C/60%RH)
EPC3168G-X-LF Hot Tin Dip (SnCu) 245C
(Unlimited, 30C/60%RH)
11 3 Vin 2 8 4 Vout 3 5 9 Vout 2
MSL = 1
MSL = 1
TBD grams TBD pieces/tube
TBD grams TBD pieces/tube
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSC3168G-X & -LF Rev. 2 8/14/07 WC
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPC3168G-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X